|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
doc no.: 1406x064 issued date: jan. 10, 2007 model no.: n121x5 -l06 approval 1 / 29 version 3.1 tft lcd approval specification model no.: n121x5 -l06 o?y u@ ?f?? |a ?2? 2007-01-11 19:10:37 cst approve by dept. mgr.(qa ra) tomy_chen( 3?@ /52720/54140/43150) department manager(qa ra) accept 2007-01-10 18:18:54 cst approve by director teren_lin( al2k /56910/36064) director accept customer : lenovo a pproved by : note : www..net
doc no.: 1406x064 issued date: jan. 10, 2007 model no.: n121x5 -l06 approval 2 / 29 version 3.1 - contents - revision history ------------------------------------------------------- 3 1. general description ------------------------------------------------------- 4 1.1 overview 1.2 features 1.3 application 1.4 general specifications 1.5 mechanical specifications 2. absolute maximum ratings ------------------------------------------------------- 5 2.1 absolute ratings of environment 2.2 electrical absolute ratings 2.2.1 tft lcd module 2.2.2 backlight unit 3. electrical characteristics ------------------------------------------------------- 7 3.1 tft lcd module 3.2 backlight unit 4. block diagram ------------------------------------------------------- 12 4.1 tft lcd module 4.2 backlight unit 5. input terminal pin assignment ------------------------------------------------------- 13 5.1 tft lcd module 5.2 backlight unit 5.3 timing diagram of lvds input signal 5.4 color data input assignment 5.5 edid data structure 5.6 edid signal specification 6. interface timing ------------------------------------------------------- 20 6.1 input signal timing specifications 6.2 power on/off sequence 7. optical characteristics ------------------------------------------------------- 22 7.1 test conditions 7.2 optical specifications 8. precautions ------------------------------------------------------- 25 8.1 handling precautions 8.2 storage precautions 8.3 operation precautions 9. packing ------------------------------------------------------- 26 9.1 carton 9.2 pallet 10. definition of labels ------------------------------------------------------- 27 10.1 cmo module label 10.2 carton label doc no.: 1406x064 issued date: jan. 10, 2007 model no.: n121x5 -l06 approval 3 / 29 version 3.1 revision history version date page (new) section description ver 1.0 ver 2.0 ver 3.0 ver 3.1 sep. 29. ?06 nov. 13. ?06 nov. 15. ?06 nov.22. ?06 jan.10. ?07 all all 9 20 21 4 7 22 27 9 all all 3.2 6.1 6.2 1.4 3.1 7.1 7.2 10 3.2 preliminary specification was first issued. approval specification was first issue backlight unit power consumption test condition change 6ma to 5m a. lamp life time change min10,000h(6.0ma) to 12,000h(5.0ma). lamp current change min 3.0ma t yp 6.0ma to min no spec typ 5.0ma . operating frequency cha nge min50khz to min 45khz. lamp turn on voltage change max 1340v 0j to max 1300v 0j. dclk frequency change mi n 50mhz to min 43.3mhz. modify power on/off sequence. modify the surface treatment from 41% to 42% (haze value) modify power supply current. modify the inverter current from 6ma to 5ma modify the wx .. modify definition of labels modify 3.2 note (1) lamp wire color doc no.: 1406x064 issued date: jan. 10, 2007 model no.: n121x5 -l06 approval 4 / 29 version 3.1 1. general description 1.1 overview n121x5 -l06 is a 12.1? tft liquid crystal display module with single ccfl backlight unit and 20 pins lvds interface. this module supports 1024 x 768 xga mode and can display 262,144 colors. the optimum viewing angle is at 6 o?clock direction. the inverter module for backlight is not built in. 1.2 features - thin and light weight - xga (1024 x 768 pixels) resolution - de (data enable) only mode - 3.3v lvds (low voltage differential signaling) interface with 1 pixel/clock - support edid structure version 1 revision 3 1.3 application - tft lcd notebook 1.4 general specificati0ns item specification unit note active area 245.76 (h) x 184.32 (v) mm bezel opening area 250.5 (h) x 188.9 (v) mm (1) driver element a-si tft active matrix - - pixel number 1024 x r.g.b. x 768 pixel - pixel pitch 0.24 (h) x 0.24 (v) mm - pixel arrangement rgb vertical stripe - - display colors 262,144 color - transmissive mode normally white - - surface treatment hard coating (2h), anti-glare (haze 42 %) - - 1.5 mechanical specifications item min. typ. max. unit note horizontal(h) 260.5 261 261.5 mm vertical(v) 197.5 198 198.5 mm module size depth(d) -- 4.7 5.0 mm (1) weight -- 260 270 g - note (1) please refer to the attached drawings for more information of front and back outline dimensions. note (2) connector mounting position +/- 0.5mm doc no.: 1406x064 issued date: jan. 10, 2007 model no.: n121x5 -l06 approval 5 / 29 version 3.1 2. absolute maximum ratings 2.1 absolute ratings of environment value item symbol min. max. unit note storage temperature t st -20 +60 oc (1) operating ambient temperature t op 0 +50 oc (1), (2) shock (non-operating) s nop - 210/50 g (3), (5) vibration (non-operating) v nop - 1.5 g (4), (5) note (1) temperature and relative humidity range is shown in the figure below. (a) 90 %rh max. (ta ?? 40 oc). (b) wet-bulb temperature should be 39 oc max. (ta > 40 oc). (c) no condensation. note (2) the temperature of panel surface should be 0 oc min. and 50 oc max. note (3) 1 time for x, y, z. for condition (210g / 3ms) is half sine wave, condition (50g / 18ms) is rectangle wave, note (4) 10 ~ 200 hz, 0.5 hr / cycle, 1 cycles for each x, y, z. note (5) at testing vibration and shock, the fixtur e in holding the module has to be hard and rigid enough so that the module would not be twisted or bent by the fixture. the fixing condition is shown as below: side mount fixing screw side mount fixing screw stage bracket lcd module gap=2mm a t room tem p erature temperature (oc) storage range relative humidity (%rh) operating range 100 80 40 60 20 80 60 -20 40 0 20 -40 8 95 5 doc no.: 1406x064 issued date: jan. 10, 2007 model no.: n121x5 -l06 approval 6 / 29 version 3.1 2.2 electrical absolute ratings 2.2.1 tft lcd module value item symbol min. max. unit note power supply voltage vcc -0.3 +4.0 v logic input voltage v in -0.3 vcc+0.3 v (1) 2.2.2 backlight unit value item symbol min. max. unit note lamp voltage v l - 2.5k v rms (1), (2), i l = (6.0) ma lamp current i l - 6.5 ma rms lamp frequency f l - 80 khz (1), (2) note (1) permanent damage to the device may occur if maximum values are exceeded. function operation should be restricted to the conditions desc ribed under normal operating conditions. note (2) specified values are for lamp (ref er to section 3.2 for further information). doc no.: 1406x064 issued date: jan. 10, 2007 model no.: n121x5 -l06 approval 7 / 29 version 3.1 3. electrical characteristics 3.1 tft lcd module value parameter symbol min. typ. max. unit note power supply voltage vcc 3.0 3.3 3.6 v - permissive ripple voltage v rp 50 mv - rush current i rush 1.5 a (2) initial stage current i is 1.0 a (2) white 240 280 ma (3)a power supply current black icc 290 340 ma (3)b lvds differential input high threshold v th(lvds) +100 mv (5), v cm =1.2v lvds differential input low threshold v tl(lvds) -100 mv (5) v cm =1.2v lvds common mode voltage v cm 1.125 1.375 v (5) lvds differential input voltage |v id | 100 600 mv (5) terminating resistor r t 100 ohm power per ebl wg p ebl - 2.6 - w (4) note (1) the ambient temperature is ta = 25 2 oc. note (2) i rush : the maximum current when vcc is rising i is : the maximum current of the first 100ms after power-on measurement conditions: shown as the following figure. test pattern: black. vcc rising time is 470us r1 (high to low) (control signal) +12v sw q2 c1 1uf vcc +3.3v 2sk1470 q1 2sk1475 47k r2 1k vr1 47k c2 0.01uf c3 1uf fuse (lcd module input) 470us +3.3v 0v 0.9vcc 0.1vcc vcc i is icc i rush 100ms doc no.: 1406x064 issued date: jan. 10, 2007 model no.: n121x5 -l06 approval 8 / 29 version 3.1 note (3) the specified power supply current is under the conditions at vcc = 3.3 v, ta = 25 2 oc, f v = 60 hz, whereas a power dissipation check pattern below is displayed. note (4) the specified power are the sum of lcd p anel electronics input power and the inverter input power. test conditions are as follows. (a) vcc = 3.3 v, ta = 25 2 oc, f v = 60 hz, (b) the pattern used is a black and white 32 x 36 checkerboard, slide #10 0 from the vesa file ?flat panel display monitor setup patterns?, fpdmsu.ppt. (c) luminance: 60 nits. (d) the inverter used is provided from sumida. please contact them for detail information. cmo doesn?t provide the inverter in this product. note (5) the parameters of lvds signals are defined as the following figures. active area a. white pattern active area b. black pattern 0v v cm | v id | single ended 0v | v id | v th ( lvds ) v tl ( lvds ) differential doc no.: 1406x064 issued date: jan. 10, 2007 model no.: n121x5 -l06 approval 9 / 29 version 3.1 3.2 backlight unit ta = 25 2 oc value parameter symbol min. typ. max. unit note lamp input voltage v l - 624 - v rms i l = 5.0 ma lamp current i l - 5.0 - ma rms (1),(7) - - 1170 (25 o c) v rms (2) lamp turn on voltage v s - - 1300 (0 o c) v rms (2) operating frequency f l 45 - 80 khz (3) power consumption p l - 3.12 w (4), i l = 5.0 ma lamp life time l bl 12,000 - - hrs (5) note (1) lamp current is measur ed by utilizing a high frequency current meter as shown below: note (2) the voltage shown above should be applied to the lamp for more than 1 second after startup. otherwise the lamp may not be turned on. note (3) the lamp frequency may generate interferen ce with horizontal synchronous frequency from the display, and this may cause line flow on the display. in order to avoid interference, the lamp frequency should be detached from the horizontal sy nchronous frequency and its harmonics as far as possible. note (4) p l = i l ?? v l note (5) the lifetime of lamp is defined as the time wh en it continues to operate under the conditions at ta = 25 ? 2 o c and i l = 5.0 ma rms until one of the following events occurs: (a) when the brightness becomes ?? 50% of its original value. (b) when the effective ignition length becomes ?? 80% of its original value. (effective ignition length is defined as an area that the brightness is less than 70% compared to the center point.) note (6) the waveform of the voltage output of inverter must be area-symmetric and the design of the inverter must have specifications for the modularized lamp. the performance of the backlight, such as lifetime or brightness, is greatly influenced by the characteristics of the dc-ac inverter for the lamp. all the parameters of an inverter s hould be carefully designed to avoid generating too much current leakage from high voltage output of the inverter. when designing or ordering the inverter please make sure that a poor lighting ca used by the mismatch of the backlight and the inverter (miss-lighting, flicker, etc.) never occu rs. if the above situation is confirmed, the module should be operated in the same manners when it is installed in your instrument. the output of the inverter must have symmetrical (negative and positive) voltage waveform and symmetrical current waveform.(unsy mmetrical ratio is less than 10%) please do not use the inverter, lcd module 1 inverter a current meter hv (pink ,white) lv (black) 2 doc no.: 1406x064 issued date: jan. 10, 2007 model no.: n121x5 -l06 approval 10 / 29 version 3.1 which has unsymmetrical voltage and unsymmetrical current and spike wave. lamp frequency may produce interface with horizontal synchronous frequency and as a result this may cause beat on the display. therefore lamp frequency shall be as away possible from the horizontal synchronous frequency and from its harmonics in order to prevent interference. requirements for a system inverter design, which is intended to have a better display performance, a better power efficiency and a more reliable lamp. it shall help increase the lamp lifetime and reduce its leakage current. a. the asymmetry rate of the inverter waveform should be 10% below; b. the distortion rate of the waveform should be within ?? 2 10%; c. the ideal sine wave form shall be sy mmetric in positive and negative polarities. i p i -p * asymmetry rate: | i p ? i ?p | / i rms * 100% * distortion rate i p (or i ?p ) / i rms doc no.: 1406x064 issued date: jan. 10, 2007 model no.: n121x5 -l06 approval 11 / 29 version 3.1 note (7) about operating current min 2.0ma , lamp maker has some advice as below explanation and comparison of the kind of tone light: ? lamp current wave-like by the adjustment of the current. lamp current wave-like by the adjustment of the burst. comparative table method backlight efficiency (inv ?? lamp) tone light rate (%) circuitry ? current good ( 75 % ?? 85% ) 58 complicated burst bad ( 65 % ?? 75% ) 10 easy method of case that lamp curre nt min2.0ma is controlled. it is the setting of minimum 2ma (min) to lamp current 6.0ma in the lamp spec ification. the burst is excellent for circuitry. the marker proposes that pays attention to the following contents. (reference) light quan tity adjustment method tone light p-p level down p-p level = on:80% off:20% doc no.: 1406x064 issued date: jan. 10, 2007 model no.: n121x5 -l06 approval 12 / 29 version 3.1 4. block diagram 4.1 tft lcd module 4.2 backlight unit 1 hv (white) 2 lv ( black ) v edid data edid gnd v l lvds display data & clock tft lcd panel data driver ic scan driver ic backlight unit lvds input / timing controller dc/dc converter & reference voltage generator input connector lamp connector edid eeprom clk edid vcc doc no.: 1406x064 issued date: jan. 10, 2007 model no.: n121x5 -l06 approval 13 / 29 version 3.1 5. input terminal pin assignment 5.1 tft lcd module pin symbol description polarity remark 1 vss ground 2 vcc power supply +3.3 v (typical) 3 vcc power supply +3.3 v (typical) 4 v edid ddc 3.3v power ddc 3.3v power 5 nc non-connection 6 clk edid ddc clock ddc clock 7 data edid ddc data ddc data 8 rxin0- lvds differential data input negative 9 rxin0+ lvds differential data input positive r0~r5,g0 - 10 vss ground 11 rxin1- lvds differenti al data input negative 12 rxin1+ lvds differential data input positive g1~g5,b0,b1 - 13 vss ground 14 rxin2- lvds differential data input negative 15 rxin2+ lvds differential data input positive b2~b5,de,hsync,vsync 16 vss ground 17 clk- lvds clock data input negative 18 clk+ lvds clock data input positive lvds level clock 19 vss ground 20 vss ground note (1) the first pixel is even. note (2) connector part no.: hirose df19l-20p-1h or equivalent note (3) user?s connector part no: hirose df19g-20s-1c or equivalent 5.2 backlight unit pin symbol description color 1 hv high voltage white 2 lv ground black note (1) connector part no.: jst-bhsr-02vs-1 or equivalent note (2) user?s connector part no.: jst-sm02b-bhss-1-tb or equivalent 5.3 timing diagram of lvds input signal in6 in5 in4 in3 in2 in1 in0 in13 in12 in11 in10 in9 in8 in7 in20 in19 in18 in17 in16 in15 in14 g0 r3 r2 r1 r0 r5 r4 b1 g4 g3 g2 g1 b0 g5 de b5 b4 b3 b2 vsync hsync t/7 signal for 1 dclk cycle (t) rxin0 rxin1 rxin2 clk+ doc no.: 1406x064 issued date: jan. 10, 2007 model no.: n121x5 -l06 approval 14 / 29 version 3.1 5.4 color data input assignment the brightness of each primary color (red, green an d blue) is based on the 6-bit gray scale data input for the color. the higher the binary input the brighter the color. the table below provides the assignment of color versus data input. data signal red green blue color r5 r4 r3 r2 r1 r0 g5 g4 g3 g2 g1 g0 b5 b4 b3 b2 b1 b0 basic colors black red green blue cyan magenta yellow white 0 1 0 0 0 1 1 1 0 1 0 0 0 1 1 1 0 1 0 0 0 1 1 1 0 1 0 0 0 1 1 1 0 1 0 0 0 1 1 1 0 1 0 0 0 1 1 1 0 0 1 0 1 0 1 1 0 0 1 0 1 0 1 1 0 0 1 0 1 0 1 1 0 0 1 0 1 0 1 1 0 0 1 0 1 0 1 1 0 0 1 0 1 0 1 1 0 0 0 1 1 1 0 1 0 0 0 1 1 1 0 1 0 0 0 1 1 1 0 1 0 0 0 1 1 1 0 1 0 0 0 1 1 1 0 1 0 0 0 1 1 1 0 1 gray scale of red red(0)/dark red(1) red(2) : : red(61) red(62) red(63) 0 0 0 : : 1 1 1 0 0 0 : : 1 1 1 0 0 0 : : 1 1 1 0 0 0 : : 1 1 1 0 0 1 : : 0 1 1 0 1 0 : : 1 0 1 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 gray scale of green green(0)/dark green(1) green(2) : : green(61) green(62) green(63) 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 1 1 1 0 0 0 : : 1 1 1 0 0 0 : : 1 1 1 0 0 0 : : 1 1 1 0 0 1 : : 0 1 1 0 1 0 : : 1 0 1 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 gray scale of blue blue(0)/dark blue(1) blue(2) : : blue(61) blue(62) blue(63) 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 0 0 0 0 0 0 : : 1 1 1 0 0 0 : : 1 1 1 0 0 0 : : 1 1 1 0 0 0 : : 1 1 1 0 0 1 : : 0 1 1 0 1 0 : : 1 0 1 note (1) 0: low level voltage, 1: high level voltage doc no.: 1406x064 issued date: jan. 10, 2007 model no.: n121x5 -l06 approval 15 / 29 version 3.1 5.5 edid data structure the edid (extended display identification data) data formats are to support displays as defined in the vesa plug & display and fpdi standards. byte # (decimal) byte # (hex) field name and comments value (hex) value (binary) 0 0 header 00 00000000 1 1 header ff 11111111 2 2 header ff 11111111 3 3 header ff 11111111 4 4 header ff 11111111 5 5 header ff 11111111 6 6 header ff 11111111 7 7 header 00 00000000 8 8 id system manufacturer name 30 00110000 9 9 compressed ascii ae 10101110 10 0a id product code (lsb) 00 00000000 11 0b id product code (msb) 40 01000000 12 0c lcd module serial no. = 0 (if not used) 00 00000000 13 0d lcd module serial no. = 0 (if not used) 00 00000000 14 0e lcd module serial no. = 0 (if not used) 00 00000000 15 0f lcd module serial no. = 0 (if not used) 00 00000000 16 10 week of manufacture 30 00110000 17 11 year of manufacture 10 00010000 18 12 edid structure version 01 00000001 19 13 edid revision 03 00000011 20 14 video input definition = digital i/p,non tmds crgb 80 10000000 21 15 max h image size( q ) = 30.5 q 19 00011001 22 16 max v image size( q ) = 18.3 q 12 00010010 23 17 display gamma 78 01111000 24 18 feature support(dpms) = active off, rgb color ea 11101010 25 19 red/green low bits fe 11111110 26 1a blue/white low bits 60 01100000 27 1b red x 95 10010101 28 1c red y 55 01010101 29 1d green x 51 01010001 30 1e green y 87 10000111 31 1f blue x 26 00100110 32 20 blue y 22 00100010 33 21 white x 50 01010000 34 22 white y 54 01010100 35 23 established timing i = 00h(if not used) 21 00100001 36 24 established timing ii = 00h(if not used) 08 00001000 37 25 manufacturer's timings = 00h(if not used) 00 00000000 38 26 standard timing identific ation 1 was not used 01 00000001 39 27 standard timing identific ation 1 was not used 01 00000001 40 28 standard timing identific ation 2 was not used 01 00000001 41 29 standard timing identific ation 2 was not used 01 00000001 doc no.: 1406x064 issued date: jan. 10, 2007 model no.: n121x5 -l06 approval 16 / 29 version 3.1 byte # (decimal) byte # (hex) field name and comments value (hex) value (binary) 42 2a standard timing identific ation 3 was not used 01 00000001 43 2b standard timing identific ation 3 was not used 01 00000001 44 2c standard timing identific ation 4 was not used 01 00000001 45 2d standard timing identific ation 4 was not used 01 00000001 46 2e standard timing identific ation 5 was not used 01 00000001 47 2f standard timing identific ation 5 was not used 01 00000001 48 30 standard timing identific ation 6 was not used 01 00000001 49 31 standard timing identific ation 6 was not used 01 00000001 50 32 standard timing identific ation 7 was not used 01 00000001 51 33 standard timing identific ation 7 was not used 01 00000001 52 34 standard timing identific ation 8 was not used 01 00000001 53 35 standard timing identific ation 8 was not used 01 00000001 54 36 pixel clock/10,000 (lsb) 28 00101000 55 37 pixel clock/10,000 (msb) / 15 00010101 56 38 horizontal active 00 00000000 57 39 horizontal blanking 40 01000000 58 3a horizontal active : horizontal blanking 41 01000001 59 3b vertical avtive 00 00000000 60 3c vertical blanking 26 00100110 61 3d vertical active : vertical blanking 30 00110000 62 3e horizontal sync. offset 18 00011000 63 3f horizontal sync pulse width 88 10001000 64 40 vertical sync offset : sync width 36 00110110 65 41 horizontal vertical sync offset/width upper 2bits = 0 00 00000000 66 42 horizontal image size f6 11110110 67 43 vertical image size b8 10111000 68 44 horizontal & vertical image size (upper 4bit) 00 00000000 69 45 horizontal border = 0 00 00000000 70 46 vertical border = 0 00 00000000 71 47 non-interlaced,normal display,no stereo,digital separate sync,h/v pol negatives 18 00011000 72 48 pixel clock/10,000 (lsb) 40hz ed 11101101 73 49 pixel clock/10,000 (msb) / 40hz 10 00010000 74 4a horizontal active 00 00000000 75 4b horizontal blanking 40 01000000 76 4c horizontal active : horizontal blanking 41 01000001 77 4d vertical avtive 00 00000000 78 4e vertical blanking 26 00100110 79 4f vertical active : vertical blanking 30 00110000 80 50 horizontal sync. offset 18 00011000 81 51 horizontal sync pulse width 88 10001000 82 52 vertical sync offset : sync width 36 00110110 83 53 horizontal vertical sync offset/width upper 2bits = 0 00 00000000 84 54 horizontal image size f6 11110110 85 55 vertical image size b9 10111001 doc no.: 1406x064 issued date: jan. 10, 2007 model no.: n121x5 -l06 approval 17 / 29 version 3.1 byte # (decimal) byte # (hex) field name and comments value (hex) value (binary) 86 56 horizontal & vertical image size (upper 4bit) 00 00000000 87 57 horizontal border = 0 00 00000000 88 58 vertical border = 0 00 00000000 89 59 non-interlaced,normal display,no stereo,digital separate sync,h/v pol negatives 18 00011000 90 5a detailed timing descriptor #3 00 00000000 91 5b 00 00000000 92 5c 00 00000000 93 5d 0f 00001111 94 5e 00 00000000 95 5f (horizontal active pixel /8)-31 61 01100001 96 60 image aspect ratio(16:10) 43 01000011 97 61 low refresh rate #1(50hz) 32 00110010 98 62 (horizontal active pixel /8)-31 61 01100001 99 63 image aspect ratio(16:10) 43 01000011 100 64 low refresh rate #2(40hz) 28 00101000 101 65 brightness(1/10nit) 0f 00001111 102 66 feature flag(tn mode) 01 00000001 103 67 reserved 00h 00 00000000 104 68 eisa manufacturer code(3 character id) 0d 00001101 105 69 compressed ascii af 10101111 106 6a panel supplier reserved - product code 07 00000111 107 6b (hex, lsb first) 14 00010100 108 6c detailed timing descriptor #4 00 00000000 109 6d 00 00000000 110 6e 00 00000000 111 6f fe 11111110 112 70 00 00000000 113 71 (supplier s/n) 4e 01001110 114 72 (supplier s/n) 31 00110001 115 73 (supplier s/n) 32 00110010 116 74 (supplier s/n) 31 00110001 117 75 (supplier s/n) 58 01011000 118 76 (supplier s/n) 35 00110101 119 77 (supplier s/n) 2d 00101101 120 78 (supplier s/n) 4c 01001100 121 79 (supplier s/n) 30 00110000 122 7a (supplier s/n) 36 00110110 123 7b (supplier s/n) 20 00100000 124 7c (supplier s/n) 20 00100000 125 7d (supplier s/n) 20 00100000 126 7e extension flag = 00 00 00000000 127 7f checksum ed 11101101 doc no.: 1406x064 issued date: jan. 10, 2007 model no.: n121x5 -l06 approval 18 / 29 version 3.1 5.6 edid siginal specification (1) edid power parameter symbol conditions min. typ. max. unit power supply voltage vcc read operation 2.2 ? 5.5 v (2) dc characteristics symbol min. max. unit index high voltage vih 0.7 v ?@ cc ? v scl, sda terminal input voltage low voltage vil ? 0.3 v ?@ cc v hysteresis voltage vhys 0.05 vcc ? v output voltage vol1 vol2 ? 0.4 0.6 v iol=3ma, cc=2.5v iol=6ma, cc=2.5v input leak current (vin =0.1v~vcc) ili -10 -10 10 50 ua wp=vss wp=vcc output leak current ilo -10 10 ua vout =0.1v~vcc, wp=vss terminal capacity(input, output) cin, cout ? 10 pf vcc=5.0v ta=25 0 c, fclk=1.0mhz operating current icc write icc read ? 3 1 ma vcc=5.5v, scl=400khz stillness current (sda=scl=vcc) (wp=vss,a0,a1,a2=vss) iccs ? 30 100 ua vcc=3.0v vcc=5.5v doc no.: 1406x064 issued date: jan. 10, 2007 model no.: n121x5 -l06 approval 19 / 29 version 3.1 (3) ac characteristics (vcc=2.5~5.5v standard operation mode) vcc=2.5v-5.5v (standard operation mode) vcc=4.5v-5.5v (high-speed operation mode) item symbol min. max. min. max. unit index clock frequency fclk ? 100 ? 400 khz clock high time thigh 4000 ? 900 ? ns clock low time tlow 4700 ? 1300 ? ns sda, scl falling time tr ? 1000 ? 300 ns sda, scl rising time tf ? 300 ? 300 ns start hold time thd: sta 4000 ? 600 ? ns start setup time tsu: sta 4700 ? 600 ? ns data input hold time thd: data 0 ? 0 ? ns data input setup time tsu: data 250 ? 100 ? ns stop setup time tsu: sto 4700 ? 600 ? ns output decision time from a clock taa ? 3500 100 900 ns bus free time tbuf 4700 ? 1300 ? ns rising time of min vih, vil tof ? 250 20 250 ns cb ?? 100pf spike oppression tsp ? 50 ? 50 ns a write-in cycle time twr ? 10 ? 10 ms byte and page mode the number of times of data rewriting ? 1m ? 1m ? cycles vcc=5.0v ta=25 0 c, doc no.: 1406x064 issued date: jan. 10, 2007 model no.: n121x5 -l06 approval 20 / 29 version 3.1 6. interface timing 6.1 input signal timing specifications the input signal timing specifications are shown as the following table and timing diagram . signal item symbol min. typ. max. unit note dclk frequency 1/tc 43.3 65 68 mhz - vertical total time tv 771 806 850 th - vertical addressing ti me tvd 768 768 768 th - horizontal total time th 1200 1344 1500 tc - de horizontal addressing time thd 1024 1024 1024 tc - input signal timing diagram t h t c dclk t hd t vd t v de de data doc no.: 1406x064 issued date: jan. 10, 2007 model no.: n121x5 -l06 approval 21 / 29 version 3.1 6.2 power on/off sequence timing specifications: t1 ?? 10 msec 0 < t2 ?? 50 msec 0 < t3 t4 ? 150 msec t5 ? 200 msec t6 ? 0 msec t7 ? 10 msec (given by system) note (1) please follow the power on/off sequence de scribed above. otherwise, the lcd module might be damaged. note (2) please avoid floating state of interface signal at invalid period. when the interface signal is invalid, be sure to pull down the power supply of lcd vcc to 0 v. note (3) the backlight inverter power must be turned on after the power supply for the logic and the interface signal is valid. the backlight inverter power must be turned off before the power supply for the logic and the interface signal is invalid. note (4) sometimes some slight noise shows when lcd is turned off (even backlight is already off). to avoid this phenomenon, we suggest that the vcc falling time had better to follow 5 ?? t7 ?? 300 ms. - power supply for lcd, vcc - lvds interface - power for lamp restart power on power off 0v 0v 10% t6 t5 t4 t3 t2 t1 10% 90% 10% 90% valid data on off off t7 doc no.: 1406x064 issued date: jan. 10, 2007 model no.: n121x5 -l06 approval 22 / 29 version 3.1 7. optical characteristics 7.1 test conditions item symbol value unit ambient temperature ta 25 2 o c ambient humidity ha 50 10 %rh supply voltage v cc 3.3 v input signal according to typical val ue in "3. electrical characteristics" inverter current i l 5.0 ma inverter driving frequency f l 61 khz inverter sumida-h05-4915 the measurement methods of opt ical characteristics are shown in section 7.2. the following items should be measured under the test conditions describ ed in section 7.1 and stable environment shown in note (6). 7.2 optical specifications item symbol condition min. typ. max. unit note contrast ratio cr 180 300 - - (2), (5) t r - 5 10 ms response time t f - 11 16 ms (3) central luminance of white l ave 120 150 - cd/m 2 (4), (5) 5pts 1.25 - white variation w 13pts 1.54 (5), (6) rx 0.595 - red ry 0.338 - gx 0.320 - green gy 0.533 - bx 0.150 - blue by typ -0.03 0.135 typ +0.03 - wx 0.285 0.313 0.341 - color chromaticity white wy x =0 , y =0 viewing normal angle 0.309 0.329 0.349 - x + 40 45 - horizontal x - 40 45 - y + 15 20 - viewing angle vertical y - cr 10 40 45 - deg. (1) doc no.: 1406x064 issued date: jan. 10, 2007 model no.: n121x5 -l06 approval 23 / 29 version 3.1 note (1) definition of viewing angle ( x, y): note (2) definition of contrast ratio (cr): the contrast ratio can be calcul ated by the following expression. contrast ratio (cr) = l63 / l0 l63: luminance of gray level 63 l 0: luminance of gray level 0 cr = cr (5) cr (x) is corresponding to the contrast ratio of the point x at figure in note (7). note (3) definition of response time (t r , t f ): note (4) definition of average luminance of white (l ave ): measure the luminance of gray level 63 at 5 points l ave = [l (1)+ l (2)+ l (3)+ l (4)+ l (5)] / 5 l (x) is corresponding to the luminance of the point x at figure in note (6) 12 o?clock direction y+ = 90o 6 o?clock y- = 90o x ? x + y- y + x- y+ y- x+ normal x = y = 0o x+ = 90o x- = 90o 100% 90% 10% 0% gray l evel 63 gray l evel 0 gray l evel 63 time t f optical response t r 66.67 ms 66.67 ms doc no.: 1406x064 issued date: jan. 10, 2007 model no.: n121x5 -l06 approval 24 / 29 version 3.1 note (5) measurement setup: the lcd module should be stabilized at giv en temperature for 20 minutes to avoid abrupt temperature change during measuring. in order to stabilize the luminance, the measurement should be executed after lighting backlight for 20 minutes in a windless room. note (6) definition of white variation ( w): measure the luminance of gray level 63 at 13 points w 5p = maximum [l (1), l (2), l (3), l (4), l (5)] / minimum [l (1), l (2), l (3), l (4), l (5)] w 13p = maximum [l (1) ~ l (13)] / minimum [l (1) ~ l (13)] photometer (ca210, cs-1000) field of view = 2o 500 mm lcd module lcd panel center of the screen light shield room (ambient luminance < 2 lux) active area vertical line : test point x=1 to 13 horizontal line d 10m m w/4 w/4 w/4 w/4 w d/4 d/4 d/4 d/4 2 3 4 5 6 7 10 11 12 13 8 1 9 10m m 10m m 10m m doc no.: 1406x064 issued date: jan. 10, 2007 model no.: n121x5 -l06 approval 25 / 29 version 3.1 8. precautions 8.1 handling precautions (1) the module should be assembled into the system fi rmly by using every mounting hole. be careful not to twist or bend the module. (2) while assembling or installing modules, it can only be in the clean area. the dust and oil may cause electrical short or damage the polarizer. (3) use fingerstalls or soft gloves in order to keep display clean during the incoming inspection and assembly process. (4) do not press or scratch the surface harder than a hb pencil lead on the panel because the polarizer is very soft and easily scratched. (5) if the surface of the polarizer is dirty, please clean it by some absorbent cotton or soft cloth. do not use ketone type materials (ex. acetone), ethyl alcohol, toluene, ethyl acid or methyl chloride. it might permanently damage the polarizer due to chemical reaction. (6) wipe off water droplets or oil immediately. staining and discoloration may occur if they left on panel for a long time. (7) if the liquid crystal material leaks from the panel, it should be kept away from the eyes or mouth. in case of contacting with hands, legs or clothes , it must be washed away thoroughly with soap. (8) protect the module from static electricity, it may cause damage to the c-mos gate array ic. (9) do not disassemble the module. (10) do not pull or fold the lamp wire. (11) pins of i/f connector should not be touched directly with bare hands. 8.2 storage precautions (1) high temperature or humidity may reduce the perfo rmance of module. please store lcd module within the specified storage conditions. (2) it is dangerous that moisture come into or co ntacted the lcd module, because the moisture may damage lcd module when it is operating. (3) it may reduce the display quality if the ambient te mperature is lower than 10 oc. for example, the response time will become slowly, and the starting voltage of lamp will be higher than the room temperature. 8.3 operation precautions (1) do not pull the i/f connector in or out while the module is operating. (2) always follow the correct power on/off sequence when lcd module is connecting and operating. this can prevent the cmos lsi chips from damage during latch-up. (3) the startup voltage of backlight is approximatel y 1000 volts. it may cause electrical shock while assembling with inverter. do not disassemble the mo dule or insert anything into the backlight unit. doc no.: 1406x064 issued date: jan. 10, 2007 model no.: n121x5 -l06 approval 26 / 29 version 3.1 9. packing 9.1 carton 9.2 pallet doc no.: 1406x064 issued date: jan. 10, 2007 model no.: n121x5 -l06 approval 27 / 29 version 3.1 10. definition of labels 10.1 cmo module label the barcode nameplate is pasted on each module as illustrati on, and its definitions are as following explanation. (a) model name: n121x5 - l06 (b) revision: rev. xx, for example: a1, ?, c1, c2 ?etc. (c) serial id: x x x x x x x y m d x n n n n serial id includes the information as below: (a) manufactured date: year: 1~9, for 2001~2009 month: 1~9, a~c, for jan. ~ dec. day: 1~9, a~y, for 1 st to 31 st , exclude i , o and u (b) revision code: cover all the change (c) serial no.: manufacturing sequence of product for lenovo?s barcode content 11s ppppppp z1z hhh ssssss ymm (a) 11s: fixed characters. (b) ppppppp (p/n): customer part nu mber 42t0342, fixed characters (c) z1z: fixed characters. (d) hhh (header code): ckb (e) ssssss: series number. (f) ymm: y: the last character of year. mm: month year, month, date cmo internal use revision serial no. cmo internal use cmo internal use doc no.: 1406x064 issued date: jan. 10, 2007 model no.: n121x5 -l06 approval 28 / 29 version 3.1 10.2 carton label |
Price & Availability of N121X5-L06 |